Part Number Hot Search : 
R2021 5ETTTS ZQ3500 KA2418 FS1117 GF3KB LM785 CDRH4
Product Description
Full Text Search
 

To Download 2SB6472SB647A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SB647, 2SB647A
Silicon PNP Epitaxial
Application
* Low frequency power amplifier * Complementary pair with 2SD667/A
Outline
2SB647, 2SB647A
Absolute Maximum Ratings (Ta = 25C)
Item Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector peak current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC iC(peak) PC Tj Tstg 2SB647 -120 -80 -5 -1 -2 0.9 150 -55 to +150 2SB647A -120 -100 -5 -1 -2 0.9 150 -55 to +150 Unit V V V A A W C C
Electrical Characteristics (Ta = 25C)
2SB647 Item Collector to base breakdown voltage Collector to emitter breakdown voltage Emitter to base breakdown voltage Collector cutoff current DC current transfer ratio Symbol Min V(BR)CBO V(BR)CEO V(BR)EBO I CBO hFE1* hFE2 Collector to emitter saturation voltage Base to emitter voltage Gain bandwidth product VCE(sat) VBE fT
1
2SB647A Typ Max Unit Test conditions -- -- -- -10 200 -- -1 V V V V A I C = -10 A, IE = 0 I C = -1 mA, RBE = I E = -10 A, IC = 0 VCB = -100 V, IE = 0 VCE = -5 V, I C = -150 mA*2 VCE = -5 V, I C = -500 mA*2 I C = -500 mA, I B = -50 mA*2 VCE = -5 V, I C = -150 mA*2
Typ Max Min -- -- -- -10 320 -- -1
-120 -- -80 -5 -- 60 30 -- -- -- -- -- -- -- -- -- -- -- 140 20
-120 -- -100 -- -5 -- 60 30 -- -- -- -- -- -- -- 140 20
-1.5 -- -- -- -- --
-1.5 V -- --
MHz VCE = -5 V, IC = -150 mA pF VCB = -10 V, IE = 0 f = 1 MHz
Collector output capacitance Cob
Notes: 1. The 2SB647 and 2SB647A are grouped by h FE1 as follows. 2. Pulse test B 2SB647 2SB647A 60 to 120 60 to 120 C 100 to 200 100 to 200 D 160 to 320 --
2
2SB647, 2SB647A
3
2SB647, 2SB647A
4
2SB647, 2SB647A
When using this document, keep the following in mind: 1. This document may, wholly or partially, be subject to change without notice. 2. All rights are reserved: No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without Hitachi's permission. 3. Hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the user's unit according to this document. 4. Circuitry and other examples described herein are meant merely to indicate the characteristics and performance of Hitachi's semiconductor products. Hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. No license is granted by implication or otherwise under any patents or other rights of any third party or Hitachi, Ltd. 6. MEDICAL APPLICATIONS: Hitachi's products are not authorized for use in MEDICAL APPLICATIONS without the written consent of the appropriate officer of Hitachi's sales company. Such use includes, but is not limited to, use in life support systems. Buyers of Hitachi's products are requested to notify the relevant Hitachi sales offices when planning to use the products in MEDICAL APPLICATIONS.
5


▲Up To Search▲   

 
Price & Availability of 2SB6472SB647A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X